Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF340 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF340
Description  Repetitive Avalanche Ratings
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF340 Datasheet(HTML) 1 Page - International Rectifier

  IRF340 Datasheet HTML 1Page - International Rectifier IRF340 Datasheet HTML 2Page - International Rectifier IRF340 Datasheet HTML 3Page - International Rectifier IRF340 Datasheet HTML 4Page - International Rectifier IRF340 Datasheet HTML 5Page - International Rectifier IRF340 Datasheet HTML 6Page - International Rectifier IRF340 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
1 0
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
6.0
IDM
Pulsed Drain Current ➀
40
PD @ TC = 25°C
Max. Power Dissipation
12 5
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
5.7
mJ
IAR
Avalanche Current ➀
10
A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90371
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, au-
dio amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRF340
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
400V, N-CHANNEL
TO-3
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
Product Summary
Part Number
BVDSS RDS(on)
ID
IRF340
400V
0.55
Ω
10A


Similar Part No. - IRF340

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF340 SAMSUNG-IRF340 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF340 FAIRCHILD-IRF340 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
logo
International Rectifier
IRF340 IRF-IRF340 Datasheet
145Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A)
logo
New Jersey Semi-Conduct...
IRF340 NJSEMI-IRF340 Datasheet
89Kb / 2P
400V, N-CHANNEL
logo
Inchange Semiconductor ...
IRF340 ISC-IRF340 Datasheet
49Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRF340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6847 IRF-JANTX2N6847_15 Datasheet
133Kb / 7P
Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com