Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB433 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 9DB433
Description  SMBus Interface; unused outputs can be disabled
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB433 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  9DB433 Datasheet HTML 1Page - Integrated Circuit Systems 9DB433 Datasheet HTML 2Page - Integrated Circuit Systems 9DB433 Datasheet HTML 3Page - Integrated Circuit Systems 9DB433 Datasheet HTML 4Page - Integrated Circuit Systems 9DB433 Datasheet HTML 5Page - Integrated Circuit Systems 9DB433 Datasheet HTML 6Page - Integrated Circuit Systems 9DB433 Datasheet HTML 7Page - Integrated Circuit Systems 9DB433 Datasheet HTML 8Page - Integrated Circuit Systems 9DB433 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
2
9DB433
REV G 08/25/15
Pin Configuration
SMBus Address Selection and Readback
PLL Operating Mode Readback Table
Power Groups
Tri-Level Input Logic Pins
VDDR 1
28 VDDA
SRC_IN 2
27 GNDA
SRC_IN# 3
26 IREF
GND 4
25 PD#
VDD 5
24 VDD
DIF_1 6
23 DIF_6
DIF_1# 7
22 DIF_6#
OE1# 8
21 OE6#
DIF_2 9
20 DIF_5
DIF_2# 10
19 DIF_5#
VDD 11
18 VDD
BYP#_HIBW_LOBW 12
17 SMB_ADR_tri
SMBCLK 13
16 VDD
SMBDAT 14
15 GND
Notes:
Highlighted Pins are the differences between 9DB403 and
9DB433.
Pin 12 and Pin 17 are latched on power up. Please make sure
that the power supply to the pullup/pulldown resistors ramps at
the same time as the main supply to the chip.
SMB_ADR_tri
Address
Low
DA/DB
Mid
DC/DD
High
D8/D9
BYP#_LOBW_HIBW
MODE
Byte0, bit 3 Byte 0 bit 1
Low
Bypass
0
0
Mid
PLL 100M Hi BW
1
0
High
PLL 100M Low BW
0
1
VDD
GND
1
4
SRC_IN/SRC_IN#
5,11,18, 24
4
DIF(1,2,5,6)
16
15
DIGITAL VDD/GND
28
27
Analog VDD/GND for PLL in IREF
For best results, treat pin 1 as analog VDD.
Description
Pin Number
State of Pin
Voltage
Low
<0.8V
Mid
1.2<Vin<1.8V
High
Vin > 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com