Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0441 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBU0441
Description  slew rate for each output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0441 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBU0441 Datasheet HTML 5Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 6Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 7Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 11Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 12Page - Integrated Circuit Systems 9DBU0441 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REVISION C 04/22/15
9
4 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBU0441 DATASHEET
Additive Phase Jitter Plot: 125M (12kHz to 20MHz)
RMS additive jitter: 313fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com