Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0741 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # 9DBU0741
Description  slew rate for each output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0741 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button 9DBU0741 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 11Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 12Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 13Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 14Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 15Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 16Page - Integrated Circuit Systems 9DBU0741 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
7 O/P 1.5V PCIE GEN1-2-3 FAN-OUT BUFFER W/ZO=100OHMS
16
REVISION C 04/22/15
9DBU0741 DATASHEET
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
9DBU0741AKLF
Trays
40-pin VFQFPN
0 to +70° C
9DBU0741AKLFT
Tape and Reel
40-pin VFQFPN
0 to +70° C
9DBU0741AKILF
Trays
40-pin VFQFPN
-40 to +85° C
9DBU0741AKILFT
Tape and Reel
40-pin VFQFPN
-40 to +85° C
Rev.
Initiator Issue Date Description
Page #
A
RDW
7/15/2014 Final update and release - front page and electrical tables.
Various
B
RDW
9/19/2014
Updated SMBus Input High/Low parameters conditions, MAX values,
and footnotes.
6
C
RDW
4/22/2015
1. Updated pin out and pin descriptions to show ePad on package
connected to ground.
2. Minor updates to front page text for family consistency.
3. Updated Clock Input Parameters table to be consistent with PCIe
Vswing parameter.
1-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com