Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0641 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBV0641
Description  HCSL compatible differential input; can be driven by common clock sources
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0641 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBV0641 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0641 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REVISION B 09/11/14
9
6 O/P 1.8V PCIE GEN1-2-3 ZDB/FOB W/ZO=100OHMS
9DBV0641 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Phase Jitter Parameters
TA = TAMB; Supply Voltage per VDD, VDDIO of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-3dB point in High BW Mode
1.8
2.7
3.8
MHz
1,5
-3dB point in Low BW Mode
0.8
1.4
2
MHz
1,5
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.3
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.1
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-1
0
1
%
1,3
tpdBYP
Bypass Mode, VT = 50%
3000
3600
4500
ps
1
tpdPLL
PLL Mode VT = 50%
0
-4
200
ps
1,4
Skew, Output to Output
tsk3
VT = 50%
39
50
ps
1,4
PLL mode
14
50
ps
1,2
Additive Jitter in Bypass Mode
0.1
5
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
PLL Bandwidth
BW
TA = TAMB; Supply Voltage per VDD, VDDIO of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
31
52
86
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.8
1.4
3
ps
(rms)
1,2,3,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.3
2.5
3.1
ps
(rms)
1,2,3,5
tjphPCIeG3
PCIe Gen 3 Common Clock Architecture
(PLL BW of 2-4 or 2-5MHz, CDR = 10MHz)
0.5
0.6
1
ps
(rms)
1,2,3,5
tjphPCIeG3SRn
S
PCIe Gen 3 Separate Reference No Spread (SRnS)
(PLL BW of 2-4 or 2-5MHz, CDR = 10MHz)
0.5
0.6
0.7
ps
(rms)
1,2,3,5
tjphSGMII
125MHz, 1.5MHz to 20MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
1.9
2N/A
ps
(rms)
1,2,3,5
tjphPCIeG1
PCIe Gen 1
0.1
5
N/A
ps
(p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.4
N/A
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.01
0.4
N/A
ps
(rms)
1,2,5
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.00
0.1
N/A
ps
(rms)
1,2,4,5
tjphSGMIIM0
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
165
200
N/A
fs
(rms)
1,6
tjphSGMIIM1
125MHz, 12kHz to 20MHz, -20dB/decade rollover
< 1.5MHz, -40db/decade rolloff > 10MHz
251
300
N/A
fs
(rms)
1,6
1Guaranteed by design and characterization, not 100% tested in production.
4 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
5 Driven by 9FGV0831 or equivalent
6 Rohde&Schartz SMA100
2 See http://www.pcisig.com for complete specs
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
Additive Phase Jitter
tjphPCIeG2
Phase Jitter, PLL Mode
tjphPCIeG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com