Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBV0841 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBV0841
Description  HCSL compatible differential input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBV0841 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DBV0841 Datasheet HTML 5Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 6Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 7Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 8Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 9Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 10Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 11Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 12Page - Integrated Circuit Systems 9DBV0841 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9DBV0841
8-OUTPUT VERY LOW POWER PCIE GEN1-2-3 BUFFER
IDT®
8-OUTPUT VERY LOW POWER PCIE GEN1-2-3 BUFFER
9
9DBV0841
REV C 081214
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL
Characterisitics
Electrical Characteristics–Phase Jitter Parameters
TA = TCOM or TIND; Supply Voltage per VDD, VDDIO of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-3dB point in High BW Mode
2
2.7
4
MHz
1,5
-3dB point in Low BW Mode
1
1.4
2
MHz
1,5
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1.2
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.1
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-1
0
1
%
1,3
tpdBYP
Bypass Mode, VT = 50%
3000
3600
4500
ps
1
tpdPLL
PLL Mode VT = 50%
0
92
200
ps
1,4
Skew, Output to Output
tsk3
VT = 50%
28
50
ps
1,4
PLL mode
16
50
ps
1,2
Additive Jitter in Bypass Mode
0.1
25
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
PLL Bandwidth
BW
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
TA = TCOM or TIND; Supply Voltage per VDD, VDDIO of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS Notes
tjphPCIeG1
PCIe Gen 1
34
52
86
ps (p-p) 1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.9
1.4
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.2
2.5
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
0.6
1
ps
(rms)
1,2,4
tjphSGMII
125MHz, 1.5MHz to 20MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
1.9
2
NA
ps
(rms)
1,6
tjphPCIeG1
PCIe Gen 1
0.6
5
N/A
ps (p-p) 1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.3
N/A
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.05
0.1
N/A
ps
(rms)
1,2,5
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.05
0.1
N/A
ps
(rms)
1,2,4,
5
tjphSGMII
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
0.15
0.3
N/A
ps
(rms)
1,6
1 Applies to all outputs, with device driven by 9FG432AKLF or equivalent.
5 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
6 Applies to all differential outputs
4 Subject to final radification by PCI SIG.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
Additive Phase Jitter,
Bypass Mode
tjphPCIeG2
2 See http://www.pcisig.com for complete specs
Phase Jitter, PLL Mode
tjphPCIeG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com