Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMU0431 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DMU0431
Description  Spread Spectrum Compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0431 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 9DMU0431 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 9Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 10Page - Integrated Circuit Systems 9DMU0431 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REVISION A 09/24/14
9
2:4 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0431 DATASHEET
Package Outline and Package Dimensions (NLG24)
Ordering Information
"LF" to the suffix denotes Pb-Free configuration, RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Millimeters
Symbol
Min
Max
A
0.80
1.00
A1
0
0.05
A3
0.25 Reference
b
0.18
0.30
e
0.50 BASIC
D x E BASIC
4.00 x 4.00
D2 MIN./MAX.
2.3
2.55
E2 MIN./MAX.
2.3
2.55
L MIN./MAX.
0.30
0.50
N24
ND
6
NE
6
Anvil
Singulation
-- or --
Sawn
Singulation
1
2
N
E
D
Index Area
Top View
Seating Plane
A3
A1
C
A
L
E2
E2
2
D2
D2
2
e
C
0.08
(Ref)
ND & NE
Odd
(Ref)
ND & NE
Even
(ND-1)x
(Ref)
e
N
1
2
b
Thermal Base
(Typ)
If ND & NE
are Even
(NE-1)x
(Ref)
e
e
2
Part / Order Number
Shipping Packaging
Package
Temperature
9DMU0431AKILF
Tubes
24-pin VFQFPN
-40 to +85° C
9DMU0431AKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com