Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMV0141 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DMV0141
Description  1MHz to 200MHz operating frequency
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMV0141 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DMV0141 Datasheet HTML 1Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 2Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 3Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 4Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 5Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 6Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 7Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 8Page - Integrated Circuit Systems 9DMV0141 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
9DMV0141 REVISION B 01/26/15
1
©2015 Integrated Device Technology, Inc.
2:1 1.8V PCIe Gen1-2-3 Clock Mux
w/Zo=100ohms
9DMV0141
General Description
The 9DMV0141 is a member of IDT's SOC-Friendly 1.8V
Very-Low-Power (VLP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100
 for direct
connection to 100
 transmission lines. The output has an
OE# pin for optimal system control and power management.
The part provides asynchronous or glitch-free switching
modes.
Recommended Application
2:1 PCIe Gen1-2-3 Clock Multiplexer
Output Features
• 1 -Low-Power (LP) HCSL DIF pair w/ZO=100
Key Specifications
• DIF additive cycle-to-cycle jitter <5ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• 125MHz additive phase jitter 420fs rms typical (12kHz to
20MHz)
Features/Benefits
• LP-HCSL output w/integrated terminations; saves 4
resistors compared to standard HCSL output
• 1.8V operation; 12mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 200MHz operating frequency
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space
Block Diagram
A
B
DIF0
^OE0#
DIF_INA
DIF_INB
vSW_MODE
^SEL_A_B#


Similar Part No. - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
9DMV0141 IDT-9DMV0141 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
logo
Integrated Device Techn...
9DMV0141AKILF IDT-9DMV0141AKILF Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
9DMV0141AKILFT IDT-9DMV0141AKILFT Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
More results

Similar Description - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 5, 2001
logo
List of Unclassifed Man...
458J ETC1-458J Datasheet
52Kb / 1P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
Intronics Power, Inc.
458 INTRONICS-458 Datasheet
854Kb / 4P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
EUROQUARTZ limited
UM1 EUROQUARTZ-UM1 Datasheet
150Kb / 1P
Frequency range 1.0MHz to 200MHz
logo
Lowpower Semiconductor ...
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
1MHz fixed frequency switching
logo
Integrated Circuit Syst...
9DBV0531 ICST-9DBV0531 Datasheet
151Kb / 16P
1MHz to 200MHz operating frequency
REVISION C 08/28/14
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
Operating Frequency Up to 3MHz
logo
STMicroelectronics
STAC250V2-500E STMICROELECTRONICS-STAC250V2-500E Datasheet
455Kb / 13P
Operating frequency up to 27 MHz
07-Oct-2015
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
1MHz Switching Frequency
Rev 0; 3/06
MAX15058EVKIT MAXIM-MAX15058EVKIT Datasheet
988Kb / 7P
1MHz Switching Frequency
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com