Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX378MLP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX378MLP
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378MLP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX378MLP Datasheet HTML 1Page - Maxim Integrated Products MAX378MLP Datasheet HTML 2Page - Maxim Integrated Products MAX378MLP Datasheet HTML 3Page - Maxim Integrated Products MAX378MLP Datasheet HTML 4Page - Maxim Integrated Products MAX378MLP Datasheet HTML 5Page - Maxim Integrated Products MAX378MLP Datasheet HTML 6Page - Maxim Integrated Products MAX378MLP Datasheet HTML 7Page - Maxim Integrated Products MAX378MLP Datasheet HTML 8Page - Maxim Integrated Products MAX378MLP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
_______________________________________________________________________________________
3
Note 2: When the analog signal exceeds +13.5V or -12V, the blocking action of Maxim’s gate structure goes into operation. Only
leakage currents flow and the channel ON resistance rises to infinity.
Note 3: The value shown is the steady-state value. The transient leakage is typically 50µA. See
Detailed Description.
Note 4: Guaranteed by other static parameters.
Note 5: Digital input leakage is primarily due to the clamp diodes. Typical leakage is less than 1nA at +25°C.
Note 6: Leakage currents not tested at TA = cold temp.
Note 7: Electrical characteristics, such as ON Resistance, will change when power supplies other than ±15V are used.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, V- = -15V; VAH (Logic Level High) = +2.4V, VAL (Logic Level Low) = +0.8V, unless otherwise noted.)
pF
0.1
CDS(OFF)
Input to Output Capacitance
VEN = 0.8V or 2.4V
All VA = 0V or 5V
+25°C
VEN = 0.8V, RL = 1kΩ, CL = 15pF
V = 7VRMS, f = 100kHz
(Note 7)
MAX378
MAX379
CONDITIONS
0.1
V
±4.5
±18
VOP
Power-Supply Range for
Continuous Operation
0.3
0.7
ns
1000
mA
0.1
0.6
I+
Positive Supply Current
pF
5
CA
Digital Input Capacitance
12
dB
50
68
OFF(ISO)
“OFF Isolation”
pF
5
CIN(OFF)
Channel Input Capacitance
pF
25
COUT(OFF)
Channel Output Capacitance
UNITS
-55°C to +125°C
SYMBOL
PARAMETER
Figure 3
400
750
tON(EN)
Enable Delay (ON)
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TEMP
+25°C
±4.5
±18
0.5
1.0
1500
0.2
1.0
5
12
50
68
5
25
0°C to +70°C
and
-40°C to +85°C
400 1000
µs
3.5
1.2
tSETT
Settling Time (0.1%)
(0.01%)
+25°C
3.5
1.2
Figure 1
µs
0.5
1.0
tA
Access Time
+25°C
0.5
1.0
VEN = +5V, VIN = ±10V
A0, A1, A2 strobed
ns
25
200
tON-tOFF
Break-Before-Make Delay
(Figure 2)
+25°C
25
200
ns
1000
Figure 3
300
500
tOFF(EN)
Enable Delay (OFF)
+25°C
1000
300
VEN = 0.8V or 2.4V
All VA = 0V or 5V
0.02
0.2
mA
0.01
0.1
I-
Negative Supply Current
+25°C
0.02
0.1
0.01
0.1
MIN TYP MAX
MIN TYP MAX
SUPPLY
DYNAMIC
Full
Full
Full
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com