Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM7600LR Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CDM7600LR
Description  600V, N-Channel UltraMOS??Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM7600LR Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CDM7600LR Datasheet HTML 1Page - Central Semiconductor Corp CDM7600LR Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CDM4-600LR
Mechanical Drawing - DPAK
Tape Dimensions and Orientation
(Dimensions in mm)
Tape Width: 16mm
Direction of Unreeling
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-2-A
Part Marking: Full Part Number
LEAD CODE:
1) Gate
2) Drain
3) Source
4) Drain
Pin 2 is Common to Tab (4)
MARKING:
FULL PART NUMBER
LEAD CODE:
1) Gate
2) Drain
3) Source
4) Drain
Pin 2 is Common to Tab (4)
MARKING:
FULL PART NUMBER
Mounting Pad Geometry
(Dimensions in mm)
Reel Packing Information
Reel
Size
Reels
per Box
(Maximum)
Parts
per Box
(Maximum)
Box
Dimensions
Shipping
Weight (Max.)
INCH
CM
LB
KG
13”
4
9
18
10,000
22,500
45,000
15x4x15
15x15x9
15x15x18
38x10x38
38x38x23
38x38x46
14
29
57
7
14
26
Packaging Base /
Ordering Information
Reel Size
Quantity
Central
Item No.
13”
2,500
CDM4-600LR TR
CDM7-600LR TR
Sample devices available upon request. To order samples visit: www.centralsemi.com/info/UltraMOS
CDM4-600LR (4A)
CDM7-600LR (7A)
600V, N-Channel UltraMOS™
Power MOSFET in the DPAK package
Pinout
CDM4-600LR
CDM7-600LR
Rethink the Possibilities
Discretes do Matter™
(631) 435-1110 or visit:
www.centralsemi.com/justask
www.centralsemi.com
Any Questions?
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • Tel:(631) 435-1110 • Fax:(631) 435-1824



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com