Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGL02 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # 9FGL02
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 9FGL02 Datasheet HTML 11Page - Integrated Device Technology 9FGL02 Datasheet HTML 12Page - Integrated Device Technology 9FGL02 Datasheet HTML 13Page - Integrated Device Technology 9FGL02 Datasheet HTML 14Page - Integrated Device Technology 9FGL02 Datasheet HTML 15Page - Integrated Device Technology 9FGL02 Datasheet HTML 16Page - Integrated Device Technology 9FGL02 Datasheet HTML 17Page - Integrated Device Technology 9FGL02 Datasheet HTML 18Page - Integrated Device Technology 9FGL02 Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2-OUTPUT 3.3V PCIE GEN 1-2-3 CLOCK GENERATOR
18
REVISION A 07/17/15
9FGL02 DATASHEET
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
“000” is a blank device.
“xxx” is a unique factory assigned number to identify a particular default configuration.
Revision History
Part / Order Number Shipping Packaging
Package
Temperature
9FGL0241AKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL0241AKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
9FGL0251AKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL0251AKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
9FGL02P1A000KILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL02P1A000KILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
9FGL02P1AxxxKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL02P1AxxxKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
Rev.
Issue Date
Intiator Description
Page #
A
7/17/2015
RDW
1. Update electrical tables with characterization data.
2. Minor formatting updates for readability and consistency.
3. Added I-temp crystal part number to crystal characteristics table
4. Added reference to AN-891 for terminating to other logic families.
5. Removed LVDS termination drawing (now in AN-891)
6. Move to final.
Various



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com