Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGL08 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9FGL08
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL08 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9FGL08 Datasheet HTML 9Page - Integrated Device Technology 9FGL08 Datasheet HTML 10Page - Integrated Device Technology 9FGL08 Datasheet HTML 11Page - Integrated Device Technology 9FGL08 Datasheet HTML 12Page - Integrated Device Technology 9FGL08 Datasheet HTML 13Page - Integrated Device Technology 9FGL08 Datasheet HTML 14Page - Integrated Device Technology 9FGL08 Datasheet HTML 15Page - Integrated Device Technology 9FGL08 Datasheet HTML 16Page - Integrated Device Technology 9FGL08 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
REVISION B 07/17/15
13
8-OUTPUT 3.3V PCIE GEN 1-2-3 CLOCK GENERATOR
9FGL08 DATASHEET
Byte 11
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
STP[1]
RW
00 = Low/Low
10 = High/Low
0
Bit 0
STP[0]
RW
01 = HiZ/HiZ
11 = Low/High
0
SMBus Table: Impedance Control
Byte 12
Name
Control Function
Type
0
1
Default
Bit 7
DIF3_imp[1]
DIF3 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 6
DIF3_imp[0]
DIF3 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 5
DIF2_imp[1]
DIF2 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 4
DIF2_imp[0]
DIF2 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 3
DIF1_imp[1]
DIF1 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 2
DIF1_imp[0]
DIF1 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 1
DIF0_imp[1]
DIF0 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 0
DIF0_imp[0]
DIF0 Zout
RW
01=85 DIF Zout
11 = Reserved
SMBus Table: Impedance Control
Byte 13
Name
Control Function
Type
0
1
Default
Bit 7
DIF7_imp[1]
DIF7 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 6
DIF7_imp[0]
DIF7 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 5
DIF6_imp[1]
DIF6 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 4
DIF6_imp[0]
DIF6 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 3
DIF5_imp[1]
DIF5 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 2
DIF5_imp[0]
DIF5 Zout
RW
01=85 DIF Zout
11 = Reserved
Bit 1
DIF4_imp[1]
DIF4 Zout
RW
00=33 DIF Zout
10=100 DIF Zout
Bit 0
DIF4_imp[0]
DIF4 Zout
RW
01=85 DIF Zout
11 = Reserved
SMBus Table: Pull-up Pull-down Control
Byte 14
Name
Control Function
Type
0
1
Default
Bit 7
OE3_pu/pd[1]
RW
00=None
10=Pup
0
Bit 6
OE3_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 5
OE2_pu/pd[1]
RW
00=None
10=Pup
0
Bit 4
OE2_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 3
OE1_pu/pd[1]
RW
00=None
10=Pup
0
Bit 2
OE1_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Bit 1
OE0_pu/pd[1]
RW
00=None
10=Pup
0
Bit 0
OE0_pu/pd[0]
RW
01=Pdwn
11 = Pup+Pdwn
1
Reserved
Reserved
Reserved
Reserved
True/Complement DIF Output
Disable State
OE3 Pull-up(PuP)/
Pull-down(Pdwn) control
OE2 Pull-up(PuP)/
Pull-down(Pdwn) control
OE1 Pull-up(PuP)/
Pull-down(Pdwn) control
OE0 Pull-up(PuP)/
Pull-down(Pdwn) control
Reserved
Reserved
see Note
see Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com