Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFAC40 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFAC40
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFAC40 Datasheet(HTML) 2 Page - International Rectifier

  IRFAC40 Datasheet HTML 1Page - International Rectifier IRFAC40 Datasheet HTML 2Page - International Rectifier IRFAC40 Datasheet HTML 3Page - International Rectifier IRFAC40 Datasheet HTML 4Page - International Rectifier IRFAC40 Datasheet HTML 5Page - International Rectifier IRFAC40 Datasheet HTML 6Page - International Rectifier IRFAC40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFAC40
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
—
—
1.0
RthJA
Junction to Ambient
—
—
30
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
6.2
ISM
Pulse Source Current (Body Diode) ➀
——
2 5
VSD
Diode Forward Voltage
—
—
1.1
V
Tj = 25°C, IS =6.2A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
940
nS
Tj = 25°C, IF = 6.2A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
8.0
µC
VDD ≤ 50V ➃
t on
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
6 00
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.70
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
1.2
VGS = 10V, ID = 3.9A➃
Resistance
—
—
1.4
VGS = 10V, ID =6.2A ➃
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID =250µA
gfs
Forward Transconductance
4.7
—
—
S ( )VDS > 15V, IDS = 3.9A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
2 5
VDS=480V,VGS=0V
—
—
250
VDS =480V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
2 6
—
6 0
VGS = 10V, ID = 6.2A
Qgs
Gate-to-Source Charge
3.6
—
8.3
nC
VDS = 300V
Qgd
Gate-to-Drain (‘Miller’) Charge
1 3
—
3 0
td(on)
Turn-On Delay Time
—
—
2 0
VDD =300V, ID =6.2A,
t r
Rise Time
—
—
2 7
RG =9.1Ω
td(off)
Turn-Off Delay Time
—
—
8 3
tf
Fall Time
—
—
3 0
LS + LD
Total Inductance
—
6.1
—
Ciss
Input Capacitance
—
1300
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
160
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
4 5
—
nA
nH
ns
µA
Ω
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com