Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0575 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0575
Description  20V, 650mA MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0575 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0575 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0575 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reel Packing Information
Mechanical Drawing - SOT-563
Sample devices available upon request. To order samples of these devices visit: www.centralsemi.com/info/CMLM05
PB CMLM0575
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit our website at:
www.centralsemi.com
Innovative Discrete
Semiconductors
Tape Dimensions and Orientation (Dimensions in mm)
Pinouts
Tape Width: 8mm
Direction of Unreeling
Marking Codes:
CMLM0575: 75C
CMLM0585: 85C
LEAD CODE:
1)
Gate Q1
2)
Source Q1
3)
Cathode D1
4)
Anode D1
5)
Anode D1
6)
Drain Q1
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-2-A
CMLM0575
CMLM0585
Packaging Base / Ordering Information
Reel Size
Quantity
Central
Item No.
7”
3,000
CMLM0575 TR
CMLM0585 TR
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
Multi Discrete Module
CMLM0575 (N-Channel + Diode)
CMLM0585 (P-Channel + Diode)
20V, 650mA MOSFET and
40V, 500mA Low VF Schottky Diode
Reel
Size
Reels per Box
(Maximum)
Parts per Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
3
9
18
40
108
9,000
27,000
54,000
120,000
324,000
8x7x2
9x9x5
9x9x9
21x9x9
27x9x17
20x18x5
23x23x13
23x23x23
53x23x23
69x23x43
1
3
6
13
34
1
2
3
6
16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com