Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFE024 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFE024
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE024 Datasheet(HTML) 1 Page - International Rectifier

  IRFE024_15 Datasheet HTML 1Page - International Rectifier IRFE024_15 Datasheet HTML 2Page - International Rectifier IRFE024_15 Datasheet HTML 3Page - International Rectifier IRFE024_15 Datasheet HTML 4Page - International Rectifier IRFE024_15 Datasheet HTML 5Page - International Rectifier IRFE024_15 Datasheet HTML 6Page - International Rectifier IRFE024_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
6.7
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
4.2
IDM
Pulsed Drain Current ➀
27
PD @ TC = 25°C
Max. Power Dissipation
1 4
W
Linear Derating Factor
0.11
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
110
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5 S)
Weight
0.42(typical)
g
PD - 93982
The leadless chip carrier (LCC) package represents the
logical next step in the continual evolution of surface
mount technology. Desinged to be a close replacement
for the TO-39 package, the LCC will give designers the
extra flexibility they need to increase circuit board den-
sity. International Rectifier has engineered the LCC pack-
age to meet the specific needs of the power market by
increasing the size of the bottom source pad, thereby
enhancing the thermal and electrical performance. The
lid of the package is grounded to the source to reduce
RF interference.
o C
A
REPETITIVEAVALANCHEANDdv/dtRATED
IRFE024
HEXFET
TRANSISTORS
60V, N-CHANNEL
SURFACE MOUNT (LCC-18)
1/16/01
www.irf.com
1
LCC-18
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE024
60V
0.15
Ω
6.7A
Features:
!
Surface Mount
!
Small Footprint
!
Alternative to TO-39 Package
!
Hermetically Sealed
!
Dynamic dv/dt Rating
!
Avalanche Energy Rating
!
Simple Drive Requirements
!
Light Weight
For footnotes refer to the last page


Similar Part No. - IRFE024_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFE024 SEME-LAB-IRFE024 Datasheet
23Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFE024 IRF-IRFE024 Datasheet
229Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - IRFE024_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com