Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C641 Datasheet(PDF) 4 Page - Solid State Optronic

Part # AD2C641
Description  Compact 4 pin DIP/SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C641 Datasheet(HTML) 4 Page - Solid State Optronic

  AD2C641 Datasheet HTML 1Page - Solid State Optronic AD2C641 Datasheet HTML 2Page - Solid State Optronic AD2C641 Datasheet HTML 3Page - Solid State Optronic AD2C641 Datasheet HTML 4Page - Solid State Optronic AD2C641 Datasheet HTML 5Page - Solid State Optronic AD2C641 Datasheet HTML 6Page - Solid State Optronic AD2C641 Datasheet HTML 7Page - Solid State Optronic AD2C641 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 8
AD2C641 H/S/TR
Rev 2.00 (11/25/2013)
001737
AD2C641
1 Form A
60V / 500mΩ
MOSFET Output Solid State Relay
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
AD2C641 Solder Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence
Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com