Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2C941 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD2C941
Description  Compact 4 pin DIP/SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C941 Datasheet(HTML) 1 Page - Solid State Optronic

  AD2C941 Datasheet HTML 1Page - Solid State Optronic AD2C941 Datasheet HTML 2Page - Solid State Optronic AD2C941 Datasheet HTML 3Page - Solid State Optronic AD2C941 Datasheet HTML 4Page - Solid State Optronic AD2C941 Datasheet HTML 5Page - Solid State Optronic AD2C941 Datasheet HTML 6Page - Solid State Optronic AD2C941 Datasheet HTML 7Page - Solid State Optronic AD2C941 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD2C941 H/S/TR
Rev 2.00 (11/25/2013)
001739
Page 1 of 8
AD2C941
1 Form A
60V / 2.5 Amp
MOSFET Output Solid State Relay
Description
The AD2C941 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay. It is designed
to replace electromechanical relays in general purpose
switching applications. The relay consists of an IR LED
optically coupled to an IC that drives two rugged source-to-
source enhancement type DMOS transistors. The device
has an extremely low on resistance (75mΩ TYP) allowing it
to switch loads of up to 2.5 amps. The device comes with
up to 5kV input to output isolation.
The AD2C941 comes standard in a compact 4 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Multiplexers
Meter Reading Systems
Data Acquisition
Medical Equipment
Battery Monitoring
Home Safety / Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..500mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD2C941
4 pin DIP, (100/Tube)
AD2C941-H
5kVRMS Viso, 4 pin DIP, (100/Tube)
AD2C941-S
4 pin SMD, (100/Tube)
AD2C941-HS
5kVRMS, 8 pin SMD, (100/Tube)
AD2C941-STR
4 pin SMD, Tape and Reel (2000/Reel)
AD2C941-HSTR 5kVRMS, 4 pin SMD, Tape and Reel (2000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 4 pin DIP/SMD Package
High Isolation Voltage (up to 5kVRMS)
Low Input Control Current (2.5mA TYP)
75mΩ Typical On Resistance
2.5A Maximum Continuous Load Current
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
3
4
(+) Input
(-) Input
(-/+) Load
(+/-) Load
AD2C941


Similar Part No. - AD2C941

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD2C941 SOLIDSTATE-AD2C941 Datasheet
348Kb / 8P
Compact 4 pin DIP/SMD Package
More results

Similar Description - AD2C941

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com