Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4100EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4100EUA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4100EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4100EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
500MHz, Low-Power Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC, VEE) .........................................±6V
Voltage on Any Pin to Ground or Any Other Pin .........VCC to VEE
Short-Circuit Duration (VOUT to GND) ...........................Indefinite
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
Operating Temperature Ranges
MAX4100E_A/MAX4101E_A ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = ±2.0V, VCM = 0V
f = 1MHz to 100MHz
f = 1MHz to 100MHz
f = 100kHz
f = 100kHz
mA
90
ISC
Short-Circuit Output Current
mA
65
80
Output Current
V
±3.1
±3.5
VOUT
Output Voltage Swing
±3.5
±3.8
mA
56
ISY
Quiescent Supply Current
dB
51
56
AOL
Open-Loop Voltage Gain
53
58
dB
55
60
PSR
Power-Supply Rejection
V
-2.5
2.5
VCM
Common-Mode Input Voltage
nARMS
10
Integrated Current Noise
10
pA/
√Hz
0.8
in
Input Current Noise
0.8
µV/°C
15
TCVOS
Input Offset Voltage Drift
mV
18
VOS
Input Offset Voltage
µVRMS
75
Integrated Voltage Noise
100
nV/
√Hz
6
en
Input Voltage Noise
8
µA
39
IB
Input Bias Current
µA
0.05
0.5
IOS
Input Offset Current
M
Ω
5
RINCM
Common-Mode Input Resistance
pF
1
CINCM
Common-Mode Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Short to ground or either supply voltage
RL = 30Ω, TA = 0°C to +85°C
RL = 100Ω
VOUT = 0V
RL = ∞
VIN = 0V
VOUT = 0V
RL = 100Ω
RL = ∞
VS = ±4.5V to ±5.5V
MAX4101
MAX4100
MAX4101
MAX4100
MAX4101
MAX4100
VOUT = 0V, VIN = -VOS
VOUT = 0V, VIN = -VOS
Either input
MAX4101
Either input
MAX4100
CONDITIONS
dB
75
90
CMR
Common-Mode Rejection
VCM = ±2.5V
DC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com