Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4101ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4101ESA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4101ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4101ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4101ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
500MHz, Low-Power Op Amps
_______________________________________________________________________________________
3
MIN
TYP
MAX
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VEE = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
10% to 90%, -2V
≤ VOUT ≤ 2V, RL = 100Ω
13
Rise/Fall Times
tR, tF
10% to 90%, -50mV
≤ VOUT ≤ 50mV, RL = 100Ω
1.5
ns
0.06
Differential Gain
f = 3.58MHz
0.07
%
0.04
Differential Phase
DP
f = 3.58MHz
0.04
degrees
Input Capacitance
CIN
2
pF
Output Resistance
ROUT
f = 10MHz
0.8
Ω
-70
Spurious-Free Dynamic Range
SFDR
fC = 5MHz,
VOUT = 2Vp-p
-65
dBc
Third-Order Intercept
fC = 10MHz, AVCL = +2
36
dBm
DG
SYMBOL
UNITS
CONDITIONS
__________________________________________Typical Operating Characteristics
(VCC = 5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
MAX4100, AVCL = +1
MAX4101, AVCL = +2
MAX4100, AVCL = +1
MAX4101, AVCL = +2
MAX4100, AVCL = +1
MAX4101, AVCL = +2
70
0
10
1k
10k
100k
100
1M
VOLTAGE NOISE vs. FREQUENCY
10
FREQUENCY (Hz)
20
30
40
60
50
MAX4100
MAX4101
10
0
10
1k
10k
100k
100
1M
CURRENT NOISE vs. FREQUENCY
1
2
FREQUENCY (Hz)
3
4
6
5
9
7
8
MAX4100
MAX4101
IN
OUT
GND
GND
MAX4100
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1)
TIME (10ns/div)
MAX4100, AVCL = +1
MAX4101, AVCL = +2
0.3
-1V
≤ VOUT ≤ 1V, RL = 100Ω
ns
35
ts
Settling Time
to 0.01%
to 0.1%
VOUT ≤ 0.1VRMS
MHz
200
BW
-3dB Bandwidth
500
MAX4101
MAX4100
V/µs
SR
Slew Rate
250
-2V
≤ VOUT ≤ 2V
MHz
50
0.1dB Bandwidth
65
MAX4100, AVCL = +2
MAX4100, AVCL = +1
18
AC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com