Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4309ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4309ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4309ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4309ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
-50mV
≤ VOUT
≤ 50mV
-2V
≤ VOUT
≤ 2V
To 0.01%
To 0.1%
MAX4109, AVCL = +2
MAX4108, AVCL = +1
MAX4309
MAX4308
MAX4108
MAX4309, AVCL = +10
MAX4109
MAX4308, AVCL = +5
CONDITIONS
%
0.004
DG
Differential Gain
ns
Rise/Fall Times
2
f = 3.58MHz, RL = 150Ω
degrees
3
tR, tF
0.008
ns
12
tS
Settling Time
DP
8
Differential Phase
V/µs
1200
pF
2
CIN
Input Capacitance
f = 10MHz
Ω
1
ROUT
MHz
30
BW0.1dB
0.1dB Gain Flatness
Output Resistance
100
25
100
MHz
130
FPBW
Full-Power Bandwidth
190
300
200
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
f = 3.58MHz, RL = 150Ω
10% to 90%
-1V
≤ VOUT ≤ 1V
-2V
≤ VOUT ≤ 2V
VOUT = 2Vp-p
SR
Slew Rate
fC = 20MHz,
RL = 100Ω
fC = 5MHz,
RL = 100Ω
-81
-93
MAX4108,
VOUT = 2Vp-p, AVCL = +1
fC = 20MHz,
RL = 100Ω
fC = 5MHz,
RL = 100Ω
-80
-90
MAX4109,
VOUT = 2Vp-p, AVCL = +2
fC = 20MHz,
RL = 100Ω
fC = 5MHz,
RL = 100Ω
fC = 20MHz,
RL = 100Ω
fC = 5MHz,
RL = 100Ω
dBc
Spurious-Free Dynamic Range
-80
-80
-83
-83
SFDR
MAX4309,
VOUT = 2Vp-p, AVCL = +10
MAX4308,
VOUT = 2Vp-p, AVCL = +5
MAX4308
MAX4108
dBm
Third-Order Intercept
46
39
IP3
fC = 10MHz
36
43
MAX4109
MAX4309
AC SPECIFICATIONS (RL = 100Ω) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com