Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG3050 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG3050
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3050 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG3050 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet #: SG032
Page 2 of 12
Rev: P01
Date: 12/11/ 02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
4
Volts
1
V
I
Input Voltage
-0.5
5.5
Volts
1
T
S
Storage Temperature
-65
150
deg. C
1
General Description
The SCG3050 is a mixed signal phase locked loop
generating 155.52 MHz LVPECL outputs from an
intrinsically low jitter voltage controlled crystal oscillator.
The SCG3050 is phase locked to an external 8 kHz
reference input. The SCG3050 is ideal for applications
using multiplication to obtain higher SONET frequencies.
The package dimensions are 0.75" x 1.25" x .45" on
a 6 layer, designed impedence, FR4 board with
castellated pins. Parts are assembled using high
temperature solder to withstand surface mount reflow
processes. See Fig. 4 for the solder profile.
Functional Block Diagram
Figure 1
Filter
LVPECL
Driver
Low
Jitter
VCXO
Divider
REF
Q1
QN1
Q2
QN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com