Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4503 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SCG4503
Description  Synchronous Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4503 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SCG4503 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 9Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 10Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 11Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 12Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 13Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 14Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 15Page - Connor-Winfield Corporation SCG4503 Datasheet HTML 16Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet #: SG082
Page 13 of 16
Rev: 00
Date: 06/17/05
© Copyright 2005 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Recommended PECL Termination
Figure 15
50
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
50 OHM Transmission Line
3.3 VDC
82
50 OHM Transmission Line
LVPECL
INPUT
D
DN
Vcc
GND
Vcc - 2 VDC
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
LVPECL
INPUT
D
DN
Vcc
GND
50
130
82
3.3 VDC
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
3.3 VDC
50 OHM Transmission Line
3.3 VDC
50 OHM Transmission Line
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
Vcc - 2 VDC
100
50 OHM Transmission Line
130
3.3 VDC
50 OHM Transmission Line
150
150
If PECL outputs do not drive a long line (< 0.5”),
a single 150
Ω termination resistor to ground may be used for each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com