Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4163ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4163ESA
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4163ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS: +3V Operation
(VDD =+3V, VSS = 0V, VCM = VDD / 2, VOUT = VDD / 2, RL tied to VDD / 2, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS)................................................+11V
IN+, IN-, OUT Voltage ......................(VDD + 0.3V) to (VSS - 0.3V)
Short-Circuit Duration (to either rail)...........................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)..............571mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ...............330mW
14-Pin SO (derate 8.00mW/°C above +70°C)................640mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
To either supply rail
VOL - VSS
VDD - VOH
VOL - VSS
VDD - VOH
Inferred from PSRR test
RL = 10kΩ
Inferred from CMRR test
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
CONDITIONS
15
Output Short-Circuit Current
mV
3
25
RL = 100kΩ
Output Voltage Swing
3
25
30
180
RL = 10kΩ
30
180
dB
Large-Signal Voltage Gain
85
120
dB
Common-Mode Rejection Ratio
70
100
pA
1.0
100
V
2.7
10.0
Operating Voltage Range
Input Bias Current (Note 1)
T
Ω
VSS -
VDD +
0.25
0.25
Input Common-Mode Voltage Range
>10
Differential Input Resistance
±6
±0.5
±5
MAX4164
±0.5
±3
Input Offset Voltage
±4
MAX4162
±0.5
±4
mV
±5
MAX4163
UNITS
MIN
TYP
MAX
PARAMETER
AV = +1V/V
kHz
200
Gain-Bandwidth Product
VDD = 2.7V to 10V
Power-Supply Rejection Ratio
dB
80
110
mA
0.1
Closed-Loop Output Resistance
V
VCM = (VSS - 0.25V) to (VDD + 0.25V)
Ω
µV/°C
Input Offset Voltage Tempco
2
TA = +25°C
TA = -40°C to +85°C
µA
25
40
Supply Current (per amplifier)
degrees
60
Phase Margin
dB
12
Gain Margin
VOUT = 1V to 2V step
µs
50
Settling Time to 0.1%
VDD = 0V to 3V step, VIN = VDD / 2, AV = +1V/V
µs
20
Turn-On Time
V/ms
115
Slew Rate
f = 1kHz, VOUT = 2Vp-p, RL = 100kΩ, AV = +1V/V
Total Harmonic Distortion
%
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com