Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2ST05 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MB2ST05
Description  Miniature Glass Passivated Single Phase
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MB2ST05 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MB2ST05 Datasheet HTML 1Page - Cystech Electonics Corp. MB2ST05 Datasheet HTML 2Page - Cystech Electonics Corp. MB2ST05 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C769HT
Issued Date : 2014.04.29
Revised Date : 2014.06.06
Page No. : 3/ 3
MB05ST05 thru MB10ST05
CYStek Product Specification
MBST Dimension
Marking :
MBST Plastic Surface
Mounted Package
CYStek Package Code: HT
XX
□□□□□
Date Code
Device Name
Type
MB05ST05 MB1ST05 MB2ST05 MB4ST05 MB6ST05 MB8ST05 MB10ST05
Marking
MB05S
MB1S
MB2S
MB4S
MB6S
MB8S
MB10S
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.165
0.181
4.200
4.600
F
-
0.008
-
0.200
B
0.023
0.031
0.600
0.800
G
-
0.275
-
7.000
C
0.177
0.193
4.500
4.900
J
0.006
0.010
0.150
0.250
D
0.049
0.057
1.250
1.450
L
-
0.650
-
1.650
E
0.900
0.106
2.300
2.700
Q
0.024
0.028
0.600
0.700
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com