Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4ST08 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MB4ST08
Description  Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MB4ST08 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MB4ST08 Datasheet HTML 1Page - Cystech Electonics Corp. MB4ST08 Datasheet HTML 2Page - Cystech Electonics Corp. MB4ST08 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C769HT
Issued Date : 2014.04.29
Revised Date :
Page No. : 1/ 3
MB05ST08 thru MB10ST08
CYStek Product Specification
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 50 to 1000 Volts
Forward Current 0.8 Ampere
MB05ST08 thru MB10ST08
MBST
Equivalent Circuit
Features
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Save space on printed circuit boards
• Glass passivated chip junction
• High surge overload rating: 30A peak
Mechanical Data
• Case: Molded plastic body over passivated junctions
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• High temperature soldering guaranteed : 260°C/10 seconds, 0.375”(9.5mm) lead length, 5lbs(2.3kg) tension
• Mounting position: Any.
• Weight: 0.22gram, 0.078 oz.
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified.)
Type
Parameter
Symbol MB05S
T08
MB1S
T08
MB2S
T08
MB4S
T08
MB6S
T08
MB8S
T08
MB10S
T08
Units
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum instantaneous forward
voltage drop per leg at 0.4A
VF
1
V
Maximum average forward output rectified
current @Ta=40°C
IF(AV)
0.8
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
30
A
TA=25°C
Maximum DC reverse current at
rated DC blocking voltage per leg
TA=100°C
IR
5
500
μA
Typical thermal resistance per leg
RθJA
RθJL
RθJC
75
20
24
°C /W
Typical diode junction capacitance @f=1MHz
and applied 4V reverse voltage
CJ
25
pF
Operating junction and storage temperature
range
TJ ;Tstg
-55 ~ +150
°C


Similar Part No. - MB4ST08

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MB4ST05 CYSTEKEC-MB4ST05 Datasheet
272Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - MB4ST08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB6ST08 CYSTEKEC-MB6ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com