Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C641 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD6C641
Description  Low on-resistance (0.35 ohm TYP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C641 Datasheet(HTML) 3 Page - Solid State Optronic

  AD6C641 Datasheet HTML 1Page - Solid State Optronic AD6C641 Datasheet HTML 2Page - Solid State Optronic AD6C641 Datasheet HTML 3Page - Solid State Optronic AD6C641 Datasheet HTML 4Page - Solid State Optronic AD6C641 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD6C641
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
0.01
5 0.02 0.025 0.03 0.035 0.04 0.045 0.05
Turn-Off Tim e (ms)
AD6C641
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
0.3 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38
On-Resistance (ohms)
AD6C641
0
20
40
60
80
100
0.01 0.0
15 0.02 0.025 0.03 0.035 0.04 0.045
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD6C641
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
62
64
66
68
70
72
74
76
Blocking Voltage (V)
AD6C641
0
500
1000
1500
2000
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD6C641
Maximum Load Current vs. Temperature
0
10
20
30
40
50
1.25 1.5 1.75
2
2.25 2.5 2.75
3
Turn-On Tim e (ms)
AD6C641
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD6C641
rev 1.43 (
02/19/2008)
©
2008 Solid State Optronics • San José, CA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com