Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4203ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4203ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4203ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4203ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4203ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL =
∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Voltage on Any Pin to GND..............(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to GND........................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN = 0V
Sinking or sourcing
Per buffer, VIN = 0V
Guaranteed by PSR test
RL = 30
Ω
VS = ±4V to ±5.5V
-3.0V
≤
VOUT
≤
3.0V
f = DC
VIN = 0V
MAX4203/MAX4204/MAX4205
CONDITIONS
mA
75
ISC
Short-Circuit Output
Current
90
150
mA
±44
IOUT
Output Current
±52
±90
Ω
75
ROUT
Output Resistance
50
8
mV
115
VOS
Input Offset Voltage
mA
2.2
4
IS
V
±4
±5.5
VS
Operating Supply Voltage
Quiescent Supply Current
dB
55
72
PSR
Power-Supply Rejection
V/V
0.41
0.50
0.59
AV
Voltage Gain
0.42
0.50
0.58
0.9
0.96
1.1
µV/°C
20
TCVOS
Input Offset Voltage Drift
mV
0.4
Input Offset Voltage
Matching
µA
0.8
10
IB
Input Bias Current
k
Ω
500
RIN
Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4200/MAX4203, REXT = 150
Ω
MAX4201/MAX4204, REXT = 50
Ω
MAX4202/MAX4205, REXT = 75
Ω
MAX4200/MAX4203
MAX4201/MAX4204
MAX4202/MAX4205
MAX4200/MAX4203
MAX4201/MAX4204
MAX4202/MAX4205
MAX4200/MAX4203
MAX4201/MAX4204
MAX4202/MAX4205
MAX4200/MAX4203
RL = 150
Ω
V
VOUT
Output Voltage Swing
±3.3
±3.8
RL = 100
Ω
±3.2
±3.7
RL = 37.5
Ω
±3.3
MAX4201/MAX4204
RL = 50
Ω
±1.9
±2.1
MAX4202/MAX4205
RL = 75
Ω
±2.0
±2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com