Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4271ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4271ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 5V, RSENSE = 100m
Ω, CBOARD = 47µF, TA = +25°C, unless otherwise noted.)
0
0.4
0.2
0.8
0.6
1.0
1.2
1.6
1.4
1.8
02468
10 12 14 16 18 20
FAST GATE DISCHARGE CURRENT
vs. VGATE
VIN (V)
VIN = 12V
VIN = 3V
VIN = 5V
0
60
40
20
80
100
120
08
6
2
4
10 12 14 16 18 20
GATE CHARGE CURRENT
vs. GATE VOLTAGE
VGATE (V)
VIN = 12V
VIN = 5.0V
VIN = 3.0V
0
50
25
100
75
125
150
-40
10
35
-15
60
85
GATE CHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 12V
VGATE = 0
VIN = 5V
VIN = 3V
0
5
15
10
20
25
04
2
6
8
101214
GATE VOLTAGE vs. INPUT VOLTAGE
VIN (V)
IGATE = 10
µA
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
100
50
150
300
350
250
200
400
0
468
10
2
1214161820
SLOW GATE DISCHARGE CURRENT
vs. GATE VOLTAGE
VGATE (V)
VIN = 12V
VIN = 3V
TRIGGERED BY A FAULT
OR BY ON FALLING
VIN = 5V
0.01
0.1
1
10
100
1000
TIME TO CHARGE GATE
vs. CGATE
CGATE (nF)
1000
0.001
0.01
1
0.1
100
10
NO EXTERNAL MOSFET
VIN = 12V
TO VGATE = 17V
VIN = 5V
TO VGATE = 10V
VIN = 3V
TO VGATE = 6V
1.0
2.5
2.0
1.5
3.0
3.5
4.0
3.0
3.8
3.6
3.2 3.4
4.0 4.2 4.4 4.6 4.8 5.0
FAST GATE DISCHARGE CURRENT
vs. VIN
RISING VIN
FALLING VIN
VIN (V)
0
100
50
200
150
350
300
250
400
-40
10
-15
35
60
85
SLOW GATE DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 3V
VIN = 5V, 12V
VGATE = VIN
TRIGGERED BY A FAULT
OR BY ON FALLING
0.01
0.1
1
10
100
1000
TIME TO SLOW DISCHARGE GATE
vs. CGATE
CGATE (nF)
1000
0.001
1
0.1
0.01
10
100
VIN = 12V
VIN = 5V
VIN = 3V
DISCHARGE TO VGATE = 0.1V
NO EXTERNAL MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com