Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4295EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4295EEE
Description  Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4295EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4295EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4295EEE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Mono/Stereo 2W Switch-Mode (Class-D)
Audio Power Amplifiers
16
______________________________________________________________________________________
a 10µF capacitor in parallel with a 1µF capacitor to
GND. Ceramic capacitors are recommended due to
their low ESR.
Good PC board layout techniques optimize perfor-
mance by decreasing the amount of stray capacitance
at the amplifier’s inputs and outputs. To decrease stray
capacitance, minimize trace lengths by placing exter-
nal components as close as possible to the amplifier.
Surface-mount components are recommended.
The MAX4295/MAX4297 require two separate ground
planes to prevent switching noise from the MOSFETs in
the H-bridge from coupling into the rest of the circuit.
PGND, the power ground, is utilized by the H-bridge
and any external output components, while GND is
used by the rest of the circuit. Connect the PGND and
GND planes at only one point, as close to the power
supply as possible. Any external components associat-
ed with the output of the MAX4295/MAX4297 must be
connected to the PGND plane where applicable. Use
the Typical Operating Circuit diagram as a reference.
Refer to the evaluation kit manual for suggested com-
ponent values, component suppliers, and layout.
Chip Information
TRANSISTOR COUNT: MAX4295: 846
MAX4297: 1191
PROCESS: BiCMOS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND
SS
PVCC
OUT-
PGND
GND
FS2
FS1
SHDN
TOP VIEW
MAX4295
SO/QSOP
PVCC
OUT+
VCM
PGND
VCC
IN
AOUT
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
SS
VCC
SHDN
PVCC
PVCC
VCC
INL
AOUTL
OUT- L
PGND
PGND
OUT-R
OUT+ R
PGND
PGND
OUT+ L
16
15
14
13
9
10
11
12
PVCC
FS2
FS1
VCM
AOUTR
INR
GND
PVCC
SO/SSOP
MAX4297
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com