Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4313ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4313ESA
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4313ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4313ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4313ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Digital Interface
The multiplexer architecture of the MAX4310–MAX4315
ensures that no two input channels are ever connected
together. Channel selection is accomplished by apply-
ing a binary code to channel address inputs. The
address decoder selects input channels, as shown in
Table 2. All digital inputs are CMOS compatible.
High-Speed Evaluation Board
Figures 10 and 11 show the evaluation board and pre-
sent a suggested layout for the circuits. This board was
developed using the techniques described in the
Layout and Power-Supply Bypassing section of this
data sheet. The smallest available surface-mount resis-
tors were used for feedback and back-termination to
minimize their distance from the part, reducing the
capacitance associated with longer lead lengths.
SMA connectors were used for best high-frequency
performance. Inputs and outputs do not match a 75
Ω
line, but this does not affect performance since dis-
tances are extremely short. However, in applications
that require lead lengths greater than one-quarter of the
wavelength of the highest frequency of interest, use
constant-impedance traces.
Fully assembled evaluation boards are available for the
MAX4313 in an SO package.
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
16
______________________________________________________________________________________
MAX4313
0.1
µF
75
Ω
8
OUT
3
VCC
+4V TO +10.5V
IN1
IN0
5
4
16
2
7
A0
75
Ω
500
Ω
GND
VEE SHDN
500
Ω
VIDEO
OUTPUT
75
Ω CABLE
Typical Operating Circuit
Chip Information
TRANSISTOR COUNT: 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com