Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4373FESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4373FESA
Description  Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4373FESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4373FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4373FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0
20
10
40
30
50
60
010
15
5
202530
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4373
MAX4374/MAX4375
VSENSE = 5mV
44
45
46
47
48
49
50
51
52
010
5
15202530
SUPPLY CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
MAX4374/MAX4375
MAX4373
VSENSE = 5mV
-2.0
-0.5
-1.0
-1.5
0
0.5
1.5
1.0
2.0
26
8
4
10121416182022242628
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
AV = +100V/V
AV = +20V/V
AV = +50V/V
Typical Operating Characteristics
(VRS+ = +12V, VCC = +12V, RLOAD = 1M
Ω, VRESET = 0, VSENSE = 100mV, VPULL-UP = +5V, RPULL-UP = 10kΩ, TA = +25°C, unless
otherwise noted.)
Low-Cost, Micropower, High-Side Current-Sense
Amplifier + Comparator + Reference ICs
4
_______________________________________________________________________________________
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by PSR test.
Note 3: Guaranteed by OUT Voltage Error test.
Note 4: Guaranteed by Gain Accuracy test. Output voltage is internally clamped not to exceed 12V.
Note 5: Total OUT Voltage Error and Full-Scale Accuracy are the sum of gain and offset voltage errors.
Note 6: Measured at IOUT = -500µA (RLOAD = 4k
Ω for gain of +20V/V, RLOAD = 10kΩ for gain of +50V/V, RLOAD = 20kΩ for gain of
+100V/V).
Note 7: +6.25mV = 1/16 of +100mV full-scale voltage.
Note 8: The device will not experience phase reversal when overdriven.
Note 9: All comparator tests are done with VRS+ = +12V.
Note 10: VPULL-UP is defined as an externally applied voltage through a resistor to pull up the comparator output.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +28V, VRS+ = 0 to +28V, VSENSE = 0, V RESET = 0, RLOAD= 1M
Ω, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
VCC = 28V, VPULL-UP = 5V (Note 10)
CONDITIONS
µA
1
Output High Leakage Current
UNITS
INTYP
MAX
SYMBOL
PARAMETER
V
2.0
VIH
RESET Input High Voltage
V
0.8
VIL
RESET Input Low Voltage
VIL = 0, VIH = 5.5V, VCC = 28V
µA
-0.5
0.5
IIL, IIH
Logic Input Current
µs
3
tRPD
RESET Propagation Delay
µs
1.5
tRPW
Minimum RESET Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com