Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT121 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT121
Description  FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT121 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT121 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT121 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Copyright © 2014 Future Technology Devices International Limited
7
Document No.: FT_000648
FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC
Datasheet Version 1.2
Clearance No.: FTDI#
312
3.3 Pin Description
PIN No.
(TSSOP-
16)
PIN No.
(QFN-
16)
PIN NAME
TYPE
DESCRIPTION
1
15
BCD_n
OD
USB Charger detector output
2
16
SCLK
I
SPI clock input
3
1
SS_n
I
SPI slave select input
4
2
GND
P
Ground
5
3
VCCIO
P
IO Supply Voltage; 1.8V, 2.5V or 3.3V
6
4
SUSPEND
I,OD
Device suspend (output) and wakeup (input)
7
5
INT_n
OD
Interrupt (Active Low)
8
6
MISO
O
4-wire mode: SPI slave output
3-wire mode: no function. Leave it un-connected
9
7
MOSI
I/IO
4-wire mode: SPI salve input
3-wire mode: SPI data input/output
10
8
VBUS_S
I
Vbus sensing input
11
9
RESET_n
I
Asynchronous reset (Active Low)
12
10
VOUT3V3
P
3.3V regulator output for 5V operation;
To operate the IC at 3.3 V, supply 3.3 V to both
the VCC and VOUT3V3 pins
13
11
VCC
P
Power supply (3.3V or 5V)
14
12
GND
P
Ground
15
13
DM
AIO
USB data signal minus
16
14
DP
AIO
USB data signal plus
17
GND
P
Ground
Center bottom pad – may be left unconnected
18
VCCIO
P
IO Supply Voltage; 1.8V, 2.5V or 3.3V
Center bottom pad – may be left unconnected
19
VOUT3V3
P
3.3V regulator output for 5V operation;
To operate the IC at 3.3 V, supply 3.3 V to both
the VCC and VOUT3V3 pins
Center bottom pad – may be left unconnected
20
VCC
P
Power supply (3.3V or 5V)
Center bottom pad – may be left unconnected
Table 3.1 FT121 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com