Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT122 Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT122
Description  FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.1
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT122 Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT122 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT122 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
Document No.: FT_000647
FT122 ENHANCED USB DEVICE CONTROLLER WITH PARALLEL
BUS
IC Datasheet Version 1.1
Clearance No.: FTDI#
313
Bit
Symbol
Reset
Description
5-4
Reserved
0b’00
Reserved, write to 0
6
SET_TO_ONE
0
This bit must be set to 1
7
SOF-only Interrupt
Mode
0
0: normal operation
1: interrupt will generate on receiving SOF packet only,
regardless the value of the Interrupt Pin Mode bit in DMA
configuration register.
Table 6-6 Clock Division Factor Register (Byte 2)
6.2.4 Set DMA
Command
: FBh
Data
: Read/Write 1 byte; Read/Write 2 bytes (for Enhanced Mode)
Bit
Symbol
Reset
Description
1-0
DMA Burst
0b’00
Set the DMA burst size
00: Single cycle mode
01: 4 cycle burst mode
10: 8 cycle burst mode
11: 16 cycle burst mode
2
DMA Enable
0
Enable DMA operation
0: DMA operation is disabled
1: DMA operation is enabled
FT122 will clear this bit upon EOT_n assertion.
3
DMA Direction
0
This bit indicates the DMA read or write operation.
0: DMA read. Data read from FT122 OUT buffer to
system memory.
1: DMA write. Data write to FT122 IN buffer from system
memory.
4
Auto Reload
0
Automatically restart the DMA operation.
0: DMA needs to restart by software
1: DMA will restart automatically after the previous DMA
transfer finishes
5
Interrupt Pin Mode
0
0: normal operation. Interrupt will generate if any of the
bit in the interrupt register is set.
1: interrupt will generate upon receiving SOF packet or if
any of the bit in the interrupt register is set.
6
EPI4 Interrupt Enable
0
Interrupt Enable for endpoint index 4. During DMA
operation, EPI4 interrupt should be turned off to avoid
un-necessary interrupt service.
For enhanced mode this bit has no function. EPI4
interrupt is always enabled unless it is selected as a DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com