Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT200XD Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT200XD
Description  FT200XD USB I2C SLAVE IC Datasheet Version 1.3
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT200XD Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT200XD Datasheet HTML 17Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 18Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 19Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 20Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 21Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 22Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 23Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 24Page - Future Technology Devices International Ltd. FT200XD Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
FT200XD USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000628 Clearance No.: FTDI# 265
7.3 USB Bus Powered with Power Switching Configuration
FT200XD
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
RESET#
100nF
100nF
10nF
4.7uF
+
CBUS0
PWREN#
10k
1k
Switched 5V Power to
External Logic
0.1uF
0.1uF
P Channel Power
MOSFET
27R
27R
47pF
47pF
GND
Figure 7.3 Bus Powered with Power Switching Configuration
A requirement of USB bus powered applications, is when in USB suspend mode, the application draws a
total current of less than 2.5mA. This requirement includes external logic. Some external logic has the
ability to power itself down into a low current state by monitoring the PWREN# signal. For external logic
that cannot power itself down in this way, the FT200XD provides a simple but effective method of turning
off power during the USB suspend mode.
Figure 7.3 shows an example of using a discrete P-Channel MOSFET to control the power to external
logic. A suitable device to do this is an International Rectifier (www.irf.com) IRLML6402, or equivalent. It
is recommended that a “soft start” circuit consisting of a 1kΩ series resistor and a 0.1μF capacitor is used
to limit the current surge when the MOSFET turns on. Without the soft start circuit it is possible that the
transient power surge, caused when the MOSFET switches on, will reset the FT200XD or the USB
host/hub controller. The soft start circuit example shown in Figure 7.3 powers up with a slew rate of
approximaely12.5V/ms. Thus supply voltage to external logic transitions from GND to +5V in
approximately 400 microseconds.
As an alternative to the MOSFET, a dedicated power switch IC with inbuilt “soft-start” can be used. A
suitable power switch IC for such an application is the Micrel (www.micrel.com) MIC2025-2BM or
equivalent.
With power switching controlled designs the following should be noted:
i) The external logic to which the power is being switched should have its own reset circuitry to
automatically reset the logic when power is re-applied when moving out of suspend mode.
ii) Set the Pull-down on Suspend option in the internal FT200XD MTP memory.
iii) The CBUS Pin should be configured as PWREN# in the internal FT200XD MTP memory, and used
to switch the power supply to the external circuitry. Detection of a USB battery charger port is
not possible.
iv) For USB high-power bus powered applications (one that consumes greater than 100mA, and up
to 500mA of current from the USB bus), the power consumption of the application must be set in
the Max Power field in the internal FT200XD MTP memory. A high-power bus powered application
uses the descriptor in the internal FT200XD MTP memory to inform the system of its power
requirements.
v) PWREN# gets its VCC from VCCIO. For designs using 3V3 logic, ensure VCCIO is not powered
down using the external logic. In this case use the +3V3OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com