Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4392ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4392ESA
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4392ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4392ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................-0.3V to +12V
IN_+, IN_-, OUT_, DISABLE.............(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage ....................................................±2.5V
Current into Input Pins ......................................................±20mA
Output Short-Circuit Duration to
VCC or VEE (Note 1)................................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin TSSOP (derate 10mW/°C above +70°C) ..........727mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) .......879mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = 5V, VEE = 0V, VCM = VCC/2, VOUT = VCC/2, RL =
∞ to VCC/2, DISABLE_ = VCC (MAX4389/MAX4393/MAX4394/MAX4396),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE -
0.2
VCC -
2.25
V
TA = +25°C5
18
Input Offset Voltage
VOS
TA = -40°C to +85°C26
mV
Input Offset Voltage Matching
MAX4392–MAX4396
1
mV
Input Offset Voltage Tempco
TCVOS
15
µV/°C
Input Bias Current
IB
2.5
15
µA
Input Offset Current
IOS
0.2
5
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Ω
Input Resistance
RIN
Common mode (-0.2V
≤ VCM ≤ +2.75V)
3
M
Ω
Common-Mode Rejection Ratio
CMRR
(VEE - 0.2V)
≤ VCM ≤ (VCC - 2.25V)
70
95
dB
0.25V
≤ VOUT ≤ 4.75V, RL = 2kΩ
50
70
0.8V
≤ VOUT ≤ 4.5V, RL = 150Ω
50
60
Open-Loop Gain
AVOL
1V
≤ VOUT ≤ 4V, RL = 50Ω
58
dB
VCC - VOH
0.065
0.25
RL = 2k
Ω
VOL - VEE
0.05
0.15
VCC - VOH
0.3
0.5
RL = 150
Ω
VOL - VEE
0.25
0.5
VCC - VOH
0.5
0.8
RL = 75
Ω
VOL - VEE
0.45
0.8
VCC - VOH
1
1.7
Output Voltage Swing
VOUT
RL = 75
Ω to
ground
VOL - VEE
0.025
0.1
V
Sinking from RL = 75
Ω to VCC
40
55
Output Current
IOUT
Sourcing into RL = 75
Ω to VEE
40
50
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Ω
Note 1: Continuous power dissipation must also be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com