Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT801 Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT801
Description  The FT801 is an easy to use graphic controller targeted for embedded applications to generate high-quality Human Machine Interfaces (HMIs). It has the following features
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT801 Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT801 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT801 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
Document No.: FT_000986
FT801
Embedded Video Engine
Datasheet Version 1.0
Clearance No.:
FTDI#376
4.3.2 ROM and RAM Fonts
The FT801 has built in ROM character bitmaps as font metrics. The graphics engine can use
these metrics when drawing text fonts. There are total 16 ROM fonts, numbered with font
handle 16-31. The user can define and load customized font metrics into RAM_G, which can be
used by display command with handle 0-15.
Each font metric block has a 148 byte font table which defines the parameters of the font and
the pointer of font image. The font table format is shown in Table 4-6.
Table 4-6 Font table format
Address Offset
Size(byte)
Parameter Description
0
128
width of each font character, in pixels
128
4
font bitmap format, for example L1, L4 or L8
132
4
font line stride, in bytes
136
4
font width, in pixels
140
4
font height, in pixels
144
4
pointer to font image data in memory
The ROM fonts are stored in the memory space ROM_FONT. The ROM font table is also stored
in the ROM. The starting address of ROM font table for font index 16 is stored at
ROM_FONT_ADDR, with other font tables follow. The ROM font table and individual character
width (in pixel) are listed in Table 4-7 through Table 4-9. Font index 16, 18 and 20-31 are for basic
ASCII characters (code 0-127), while font index 17 and 19 are for Extended ASCII characters (code 128-
255). The character width for font index 17 or 19 is fixed at 8 pixels for any of the Extended ASCII
characters.
Table 4-7 ROM font table
Font Index
16 17 18 19 20 21 22 23 24 25 26 27 28 29
30 31
Font format
L1
L1
L1
L1
L1
L1
L1
L1
L1
L1
L4
L4
L4
L4
L4
L4
Line stride
1
1
1
1
2
2
2
3
3
4
6
8
9
11
14
18
Font width
8
8
8
8
10
13
14
17
24
30
12
16
18
22
28
36
Font height
8
8
16
16
13
17
20
22
29
38
16
20
25
28
36
49
Image pointer
start address
(hex)
Table 4-8 ROM font ASCII character width in pixels
Font Index =>
16
18
20
21
22
23
24
25
26
27
28
29
30
31
0
NULL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
SOH
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2
STX
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
ETX
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4
EOT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
ENQ
-
-
-
-
-
-
-
-
-
-
-
-
-
-
6
ACK
-
-
-
-
-
-
-
-
-
-
-
-
-
-
7
BEL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
8
BS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
9
HT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
10
LF
-
-
-
-
-
-
-
-
-
-
-
-
-
-
11
VT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
12
FF
-
-
-
-
-
-
-
-
-
-
-
-
-
-
13
CR
-
-
-
-
-
-
-
-
-
-
-
-
-
-
14
SO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
15
SI
-
-
-
-
-
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com