Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT900 Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT900
Description  The FT900 series includes the FT900,FT901, FT902 and FT903 which are complete System-On-Chip 32-bit RISC microcontrollers for embedded applications featuring a high level of integration and low powerconsumption
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT900 Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT900 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT900 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
FT900/1/2/3 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_000965 Clearance No.: FTDI#421
Pin No.
Name
Type
Description
63
VOUT1
P
+1.2V Regulator power output.
This is internal regulator output. Connect 4.7uF and
0.1uF decoupling capacitors to GND.
This pin must be connected to pin 67.
64
VCCIO3V3
P
+3.3V supply voltage.
This is the supply voltage for all the I/O ports. Connect
a 0.1uF decoupling capacitor. This pin must be
connected to pin 46.
65
XI/CLKIN
AI
12MHz clock frequency input to the Oscillator circuit or
to internal clock generator circuit.
66
XIO
AO
Output from the Oscillator amplifier.
67
VCC1V2
P
+1.2V Regulator power supply for USB.
Provide +1.2V power to this pin. This pin must be
connected to pin 63. Connect 0.1uF decoupling
capacitor.
68
VUSB3V3
P
+3.3V supply voltage.
This is the supply voltage for USB peripheral and host
I/O ports. Connect 10uF and 0.1uF decoupling
capacitors. This pin could be connected to all +3.3V
power supply pins without 10uF capacitor.
69
D_DM
AI/O
USB peripheral bidirectional DM line.
70
D_DP
AI/O
USB peripheral bidirectional DP line.
71
DRREF
AI
USB peripheral reference voltage input.
Connect 12Kohm +/- 1% resistor to GND.
72
H_DM
AI/O
USB host bidirectional DM line.
73
H_DP
AI/O
USB host bidirectional DP line.
74
AGND
P
Analog Ground
75
HRREF
AI
USB host reference voltage input.
Connect 12Kohm +/- 1% resistor to GND.
76
VETH3V3
P
+3.3V supply voltage.
This is the supply voltage for Ethernet I/O ports.
Connect 10uF and 0.1uF decoupling capacitors. This pin
could be connected to all +3.3V power supply pins
without 10uF capacitor.
77
VOUT2
P
+1.2V Regulator power supply.[2]
This is an internal regulator output. Connect 0.1uF
decoupling capacitors.
78
RREFSET
AI
Ethernet reference voltage input.[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com