Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4430ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4430ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4430ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4430ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4430ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 500
Ω, VCM = 0, AVCL = +1, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT = 100mVp-p,
MAX4430/MAX4432
180
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p,
MAX4431/MAX4433 (AVCL = +2)
215
MHz
VOUT = 1Vp-p,
MAX4430/MAX4432
45
VOUT = 2Vp-p,
MAX4430/MAX4432
32
VOUT = 2Vp-p,
MAX4431/MAX4433 (AVCL = +2)
40
Large-Signal -3dB Bandwidth
BWLS
VOUT = 4Vp-p,
MAX4431/MAX4433 (AVCL = +2)
20
MHz
VOUT = 100mVp-p,
MAX4430/MAX4432
12
Bandwidth for 0.1dB Flatness
BW0.1dB
VOUT = 100mVp-p,
MAX4431/MAX4433 (AVCL = +2)
80
MHz
VOUT = 2V step,
MAX4430/MAX4432
100
Slew Rate
SR
VOUT = 2V step,
MAX4431/MAX4433 (AVCL = +2)
145
V/
µs
VOUT = 2V step
20
Rise/Fall Time
tR, tF
VOUT = 4V step
40
ns
VOUT = 0 to 2V step,
MAX4430/MAX4432
37
VOUT = 0 to 2V step,
MAX4431/MAX4433 (AVCL = +2)
63
VOUT = 0 to 4V step,
MAX4430/MAX4432
56
Settling Time to 16 Bit
(0.0015%)
tS
VOUT = 0 to 4V step,
MAX4431/MAX4433 (AVCL = +2)
140
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com