Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4378FASD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4378FASD
Description  Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4378FASD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4378FASD Datasheet HTML 1Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 2Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 3Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 4Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 5Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 6Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 7Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 8Page - Maxim Integrated Products MAX4378FASD Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Single/Dual/Quad, High-Side Current-Sense
Amplifiers with Internal Gain
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VRS+ = 0 to 28V, VSENSE = (VRS+ - VRS- ) = 0V, VCC = +3.0V to +28V, RL =
∞, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = 25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, RS+, RS- to GND ...........................................-0.3V to +30V
OUT to GND ...............................................-0.3V to (VCC + 0.3V)
Differential Input Voltage (VRS+ - VRS- ).................................±8V
Output Short Circuit to VCC ........................................Continuous
Output Short Circuit to GND .....................................................1s
Current into Any Pin..........................................................±20mA
Continuous Power Dissipation (TA = +70
°C)
5-Pin SOT23 (derate 7.1mW/
°C above +70°C)............571mW
8-Pin µMAX (derate 4.5mW/
°C above +70°C) .............362mW
8-Pin SO (derate 5.88mW/
°C above +70°C)................471mW
14-Pin SO (derate 8.33mW/
°C above +70°C)..............667mW
14-Pin TSSOP (derate 9.1mW/
°C above +70°C) .........727mW
Operating Temperature Range .........................-40
°C to +125°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
Guaranteed by PSR test
3
28
V
Common-Mode Input Range
VCM
Guaranteed by total OUT voltage error test
0
28
V
Common-Mode Rejection
CMR
2V
≤ VRS+ ≤ 28V, VSENSE = 100mV
90
dB
Supply Current per Amplifier
ICC
VSENSE = 5mV, VRS+ > 2.0V, VCC = 12V
1
2.2
mA
Leakage Current
IRS+, IRS-
VCC = 0V, VRS+ = 28V
8
µA
VRS+ > 2.0V
0
60
IRS
+
VRS+
≤ 2.0V
-400
60
VRS+ > 2.0V
0
120
Input Bias Current
IRS-
VRS+
≤ 2.0V
-800
120
µA
Full-Scale Sense Voltage
VSENSE
150
mV
VSENSE = 100mV,
VCC = 12V, VRS+ = 12V
±6.75
VSENSE = 100mV,
VCC = 12V, TA = +25
°C
±0.5
±3.25
VSENSE = 100mV,
VCC = 28V, VRS+ = 28V
±11
VSENSE = 100mV,
VCC = 28V, VRS+ = 28V,
TA = +25
°C
±0.5
±5
VSENSE = 100mV,
VCC = 12V, VRS+ = 0.1V
±9
±32
Total OUT Voltage Error (Note 2)
IOUT
≤ 2mA
VSENSE = 6.25mV,
VCC = 12V, VRS+ = 12V
(Note 3)
±7
%
OUT High Voltage (Note 4)
(VCC - VOUT)VCC = 3V, IOUT = 2mA
0.9
1.2
V
OUT Low Voltage
VOL
IOUT = 200µA, VCC = VRS+ = 12V,
VSENSE = 0V, TA = +25°C
25
40
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com