Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # S3JB
Description  Surface Mount Standard Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

S3JB Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  S3JB Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd S3JB Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-65 to +150
SMB/DO-214AA
S3AB THRU S3MB
Voltage Range 50 to 1000 V
Current 3.0 Ampere
Surface Mount Standard Rectifier
S3AB
S3BB
S3GB
S3DB
50
400
200
100
35
280
140
70
50
400
200
100
3.0
5.0
100
250
60
13
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oC/W
S3JB
600
420
600
S3KB
800
560
800
S3MB
1000
700
1000
1.2
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TA=25oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage
Current TL=75
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 3.0 A
At Rated DC Blocking Voltage @TA=125oC
Features
Low forward voltage drop
High current capability
Case: Molded plastic SMB/DO-214AA
High surge current capability
Weight: 0.093 gram
Polarity:Color band denotes cathode end
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
Low reverse leakage current
Typical Thermal Resistance (Note 2)
R JL
Glass passivated chip
SYMBOL
PARAMETER
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
Temperature Range
(1) Measured at 1.0 MHZ and applied reverse voltage of 4.0 V DC.
(2) Mounted on P.C. Board with 8.0m㎡ land area.
1 / 2
R2, SEP-14
.160(4.02)
.180(4.52)
.006(0.15)
.012(0.30)
.084(2.11)
.096(2.42)
.205(5.14)
.220(5.51)
.030(0.75)
.060(1.51)
0 (.0 )
.006(.15)
.077(1.94)
.086(2.17)
.130(3.26)
.155(3.89)


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
S1A YENYO-S1A Datasheet
798Kb / 2P
Surface Mount Standard Rectifier
S2A YENYO-S2A Datasheet
658Kb / 2P
Surface Mount Standard Rectifier
S2AA YENYO-S2AA Datasheet
657Kb / 2P
Surface Mount Standard Rectifier
S3A YENYO-S3A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S5A YENYO-S5A Datasheet
660Kb / 2P
Surface Mount Standard Rectifier
S15A YENYO-S15A Datasheet
655Kb / 2P
Surface Mount Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com