Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4433ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4433ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4433ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4433ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL =
∞, VCM = 0, and TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Differential Input Voltage .......................................................+2V
Input Voltage Range ........................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration to VCC or VEE ...................(Note 1)
Current Into Any Input Pin ................................................±25mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............330mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: The MAX4430–MAX4433 are not protected for output short-circuit conditions.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE +
2.5
VCC -
0.9
V
Input Offset Voltage
VOS
±1.25
±5mV
Input Offset Voltage
Temperature Coefficient
TCVOS
7
µV/°C
Input Offset Voltage Matching
MAX4432/MAX4433
±0.25
mV
Input Bias Current
IB
11
30
µA
Input Offset Current
IOS
0.35
5
µA
Differential (-10mV
≤ VIN ≤ +10mV)
12k
Input Resistance
RIN
Common mode (VEE + 2.5V
≤ VCM ≤ VCC - 0.9V)
1M
Ω
Common-Mode Rejection Ratio
CMRR
VEE + 2.5V
≤ VCM ≤ VCC - 0.9V
100
120
dB
VEE + 2.5
≤ VOUT ≤ VCC - 0.9V;
RL = 10k
Ω to ground
115
125
Open-Loop Gain
AVOL
VEE + 2.5
≤ VOUT ≤ VCC - 0.9V;
RL = 500
Ω to ground
110
125
dB
RL = 10k
Ω to ground
VEE +
2.5
VCC -
0.25
Output Voltage Swing
VOUT
RL = 500
Ω to ground
VEE +
2.6
VCC -
0.6
V
Output Current
IOUT
RL = 20
Ω to ground
±30
±60
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
PSRR-
VEE = -5.5V to -4.5V
Power-Supply Rejection Ratio
PSRR+
VCC = +4.5V to +5.5V
75
95
dB
Operating Supply Voltage RangeVS
Guaranteed by PSRR test
±4.5
±5.5
V
Quiescent Supply Current
(per amplifier)
IS
11
13.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com