Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBAS50R0 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QBAS50R0
Description  Alphanumeric Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBAS50R0 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QBAS50R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers QBAS50R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
QBAS80XXZ_series
0.80” Single Digit
Alphanumeric Display
Product: QBAS50XXZ_series
Date: February 2, 2012
Page 9 of 10
Version# 1.0
Ordering Information:
Product
Orderable Part #
Spec Range
Quantity Per
Board
CC
CA
CC
CA
QBAS80R1
QBAS80R0
QBAS80R1
QBAS80R0
Iv= 22 mcd typ.
@ IF=20mA
64 pcs
QBAS80Y1
QBAS80Y0
QBAS80Y1
QBAS80Y0
Iv= 30 mcd typ.
@ IF=20mA
64 pcs
QBAS80AG1
QBAS80AG0
QBAS80AG1
QBAS80AG0
Iv= 14 mcd typ.
@ IF=20mA
64 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com