Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBHP684U-RV Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBHP684U-RV
Description  3W High Power LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP684U-RV Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBHP684U-RV Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684U-RV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QBHP684U-XXV series
3W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 28, 2015
Page 5 of 11
Version# 2.1
Forward Voltage VF for AlInGaP @ IF=700mA
Bin
Min.
Max.
Unit
D
2.0
2.2
V
E
2.2
2.4
F
2.4
2.6
G
2.6
2.8
Forward Voltage VF for InGaN @ IF=700mA
Bin
Min.
Max.
Unit
I
3.0
3.2
V
J
3.2
3.4
K
3.4
3.6
L
3.6
3.8
M
3.8
4.0
Luminous Flux
Φv for Red @ I
F=700mA
Bin
Min.
Max.
Unit
RE
80
100
lm
RF
100
110
RG
110
125
RH
125
140
RI
140
160
Luminous Flux
Φv for Yellow @ I
F=700mA
Bin
Min.
Max.
Unit
AB
65
75
lm
AC
75
85
AD
85
100
Luminous Flux
Φv for True Green @ I
F=700mA
Bin
Min.
Max.
Unit
GB
140
150
lm
GC
150
160
GD
160
175
GE
175
190
GF
190
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com