Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4492ASD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4492ASD
Description  Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4492ASD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4492ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4492ASD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, High-Slew-Rate,
Rail-to-Rail I/O Op Amps in SC70
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL = 100kΩ connected to VDD/2, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS)..................................................+6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Output Short-Circuit Duration .................................................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 2.5mW/°C above +70°C) ............ 200mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C).......... 571mW
8-Pin SOT23 (derate 5.26mW/°C above +70°C)........421 mW
14-Pin TSSOP (derate 8.3mW/°C above +70°C) ....... 667mW
14-Pin SO (derate 8.3mW/°C above +70°C).............. 667mW
Operating Temperature Range ........................ -40°C to +125°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range ............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
AV(CL) = 1, no sustained oscillations
ƒ = 10kHz
TA = +25°C
ƒ = 10kHz
Measured from 10% to 90% of 4Vp-p step
(Note 2)
CL = 10pF
CL = 10pF
RL = 100kΩ
2.7V
≤ VDD ≤ 5.5V
CL = 10pF
VSS ≤ VCM ≤ VDD
Inferred from CMRR test
TA = TMIN to TMAX
(Note 3)
(Note 3)
Sourcing or sinking
RL = 2kΩ
CONDITIONS
pF
300
Capacitive Load Drive
fA
√Hz
1
in
Current Noise Density
nV/
√Hz
12
en
Voltage Noise Density
V/µs
10
SR
Slew Rate
dB
10
Gain Margin
deg
60
Phase Margin
pF
5
CIN
Input Capacitance
MHz
10
GBWP
Gain-Bandwidth Product
mA
±50
IOUT(SC)
Output Short-Circuit Current
65
85
mV
±1.5
±10
VOS
Input Offset Voltage
mA
0.8
2
IS
V
2.7
5.5
VDD
Supply Voltage Range
Supply Current (per amplifier)
dB
110
AV
Large-Signal Voltage Gain
dB
65
100
PSRR
Power-Supply Rejection Ratio
dB
54
75
CMRR
Common-Mode Rejection Ratio
V
VSS
VDD
VCM
Input Common-Mode Range
16
nA
±0.05
±2.5
IB
Input Bias Current
nA
±0.05
±2.5
IOS
Input Offset Current
M
Ω
1000
RIN
Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: All units production tested at TA = +25°C. Limits over temperature guaranteed by design.
Note 2: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test.
Note 3: Input Offset Voltage, Input Bias Current, and Input Offset Current are all tested and guaranteed at both ends of the common-
mode range.
(VSS + 0.25V) ≤ VOUT
≤ (VDD - 0.25V)
RL = 100kΩ
RL = 2kΩ
55
200
mV
1.5
VOH
Output Voltage Swing High
Specified as
VDD - VOH
RL = 100kΩ
RL = 2kΩ
35
150
mV
1.5
VOL
Output Voltage Swing Low
Specified as
VOL - VSS
(Note 3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com