Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4501C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4501C/D
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4501C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4501C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
_______________________________________________________________________________________
7
Figure 1. Switching Times
Figure 2. Charge Injection
50%
tOFF
tON
VOUT
VIN
+3V
0
V+
VOUT
GND
V+
IN
NO
COM
VNO
50
Ω
MAX4501
1k
35pF
90%
90%
0
VIN
50%
tON
tOFF
VOUT
VIN
+3V
0
V+
VOUT
GND
V+
IN
NC
COM
VNC
50
Ω
MAX4502
1k
35pF
90%
90%
0
VIN
∆VOUT
V+
0
VIN
VOUT
MAX4501
MAX4502
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT •CL
V+
VOUT
GND
V+
IN
NO OR
NC
COM
VNO OR VNC = 0
50
Ω
MAX4501
MAX4502
CL
1000pF
VIN
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com