Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4495ASD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4495ASD
Description  SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4495ASD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4495ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC70, Low-Power, General-Purpose,
Dual-Supply, Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 100k
Ω to ground, TA = -40°C to +125°C. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
Voltage from Any Pin to Ground or
Any Other Pin .............................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to
VCC, VEE, or Ground ............................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/
°C above +70°C)............247mW
5-Pin SOT23 (derate 7.1mW/
°C above +70°C)..........571mW
8-Pin SOT23 (derate 9.1mW/
°C above +70°C)..........727mW
8-Pin µMAX (derate 4.5mW/
°C above +70°C) ...........362mW
8-Pin SO (derate 5.9mW/
°C above +70°C)................471mW
14-Pin TSSOP (derate 9.1mW/
°C above +70°C) .......727mW
14-Pin SO (derate 8.3mW/
°C above +70°C)..............667mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VS
Guaranteed by PSRR test
±2.25
±5.5
V
Quiescent Supply Current per
Amplifier
IS
770
1100
µA
TA = +25
°C
0.3
5
Input Offset Voltage
VOS
TA = TMIN to TMAX
10
mV
Input Offset Voltage Drift
TCVOS
3
µV/
°C
Input Offset Voltage Channel
Matching
MAX4494 and MAX4495
1
mV
Input Bias Current
IB
0.2
1
µA
Input Offset Current
IOS
5
300
nA
Differential mode (-1V
≤ VIN ≤ +1V)
250
k
Ω
Input Resistance
RIN
Common mode (VEE - 0.2V
≤ VCM ≤ VCC -
1.5V)
110
M
Ω
Common-Mode Input Voltage
Range
VCM
Guaranteed by CMRR test
VEE -
0.2V
VCC -
1.5V
V
Common-Mode Rejection Ratio
CMRR
VEE - 0.2V
≤ VCM ≤ VCC - 1.5V
65
90
dB
Power-Supply Rejection Ratio
PSRR
VS =
±2.25V to ±5.5V
65
80
dB
RL = 100k
Ω, VEE + 0.25V ≤ VOUT ≤ VCC -
0.25V
85
110
Large-Signal Voltage Gain
AVOL
RL = 1k
Ω, VEE + 0.5V ≤ VOUT ≤ VCC - 0.5V
65
90
dB
RL = 100k
Ω, VCC - VOH and VOL - VEE
10
150
Output Voltage Swing
VOUT
RL = 1k
Ω, VCC - VOH and VOL - VEE
200
450
mV
Output Short-Circuit Current
ISC
Sourcing or sinking
15
mA
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com