Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4501ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4501ESA
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4501ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—+5V Supply
(V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ...........................................................................-0.3V to +13V
Voltage into Any Terminal (Note 1) ..........-0.3V to (V+ + 0.3V) or
±10mA (whichever occurs first)
Continuous Current into Any Terminal..............................±10mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle)..................................±20mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70-5 (derate 2.5mW/°C above +70°C)...........200mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
Operating Temperature Ranges
MAX4501C_ _/MAX4502C_ _ .............................0°C to +70°C
MAX4501E_ _/MAX4502E_ _ ...........................-40°C to +85°C
MAX4501MJA/MAX4502MJA ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
VIN = V+, 0
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
CONDITIONS
-1
0.01
1
90
250
V
0V+
VCOM,
VNO, VNC
Analog Signal Range
16
75
µA
-1
0.03
1
IINH, IINL
Input Current Logic High or Low
V
0
0.8
VINL
Input Logic Low
-10
10
nA
-100
100
INO(OFF),
INC(OFF)
NO or NC Off-Leakage Current
(Notes 3, 4)
V
2.4
V+
VINH
Input Logic High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
VCOM = 3.5V,
ICOM = 1mA
Ω
350
RON
COM to NO or NC
On-Resistance
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN
to TMAX
C, E
M
C, E
TA = +25°C
M
V+ = 5.5V,
VCOM = 1V,
VNO or VNC = 4.5V
TA = TMIN
to TMAX
-1
0.01
1
-10
10
nA
-100
100
ICOM(OFF)
COM Off-Leakage Current
(Notes 3, 4)
C, E
TA = +25°C
M
V+ = 5.5V,
VCOM = 1V, 4.5V
TA = TMIN
to TMAX
-2
0.01
2
-20
20
nA
-200
200
ICOM(ON)
COM On-Leakage Current
(Notes 3, 4)
VNO = VNC = 1.5V,
VIN = 3V, RL = 1k
Ω,
CL = 35pF, Figure 1
ns
150
tON
Turn-On Time
TA = +25°C
TA = TMIN to TMAX
VNO = VNC = 1.5V,
VIN = 3V, RL = 1k
Ω,
CL = 35pF, Figure 1
TA = +25°C
TA = TMIN to TMAX
ns
150
tOFF
Turn-Off Time
10
50
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com