Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV3WF2B0SSG341 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV3WF2B0SSG341
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV3WF2B0SSG341 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV3WF2B0SSG341_15 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV3WF2B0SSG-341
2:1
3/4/2015
52-PV3WF2B0SSG341
A
MW
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
14.0mm [.551]
(-)
1
(-)
1
2
3
(+)
A
21798
INITIAL RELEASE
3/4/15
MW
18.00
[.709 in]
10.40
[.409 in]
18.50 1.00
.728 .039 in
[
]
29.00 1.00
1.142 .039 in
[
]
35.00 1.00
1.378 .039 in
[
]
36.80 1.00
1.449 .039 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11.
DENOTES CRITICAL PARAMETER.
12. LAMP VOLTAGE: 20mA 2.8V
13. ILLUMINATION COLOR: BLUE
14. HARDWARE SUPPLIED: O-RING AND HEXNUT
15. INGRESS RATING: IP67 TO FRONT PANEL
16. 2002/95/EC (ROHS) COMPLIANT
16.00
[.630 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON) = MOMENTARY
RING ILLUMINATION
NOTE 14
HARDWARE SUPPLIED
ACTUATOR:
STAINLESS STEEL
BODY:
STAINLESS STEEL
L
1
3
1
2
a
b (+)
SPDT
CONTACT CONFIGURATION
1.50
[.059 in]
2.5
[.10 in]
.40
[.016 in]
3
[.110 in]
2.00
[.079 in]
1.80
[.071 in]
.80
[.031 in]
M16x1.0
8.8
[.35 in]
11.80
[.465 in]


Similar Part No. - 52-PV3WF2B0SSG341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV3WF2B0SSG341 E-SWITCH-52-PV3WF2B0SSG341 Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
More results

Similar Description - 52-PV3WF2B0SSG341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com