Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4502ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4502ESA
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4502ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4502ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4502ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
_______________________________________________________________________________________
3
CL = 1nF, VNO = 0, RS = 0
Ω, TA = +25°C,
Figure 2
VIN = 0 or V+
f = 1MHz, Figure 4
RL = 50
Ω, CL = 15pF, VNO = 1VRMS,
f = 100kHz, TA = +25°C, Figure 3
f = 1MHz, Figure 4
f = 1MHz, Figure 4
CONDITIONS
pC
110
Q
Charge Injection (Note 5)
µA
-10
10
I+
V+ Supply Current
-1
1
pF
8
CCOM(ON)
COM On-Capacitance
dB
< -100
VISO
Off-Isolation
pF
3
CNO(OFF),
CNC(OFF)
NO or NC Off-Capacitance
pF
3
CCOM(OFF)
COM Off-Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—+5V Supply (continued)
(V+ = +4.5V to +5.5V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—+12V Supply
(V+ = +11.4V to +12.6V, VINH = 5.0V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
SWITCH DYNAMIC CHARACTERISTICS (continued)
POWER SUPPLY
C, E
TA = +25°C
VCOM = 10V,
ICOM = 1mA
µA
-10
10
IN = 0 or V+
I+
VIN = 0 or V+
M
VCOM = 10V,
VNO or VNC = 1V,
V+ = +12.6V
CONDITIONS
Ω
200
RON
COM to NO or NC
On-Resistance
TA = +25°C
TA = TMIN to TMAX
C, E
TA = TMIN
to TMAX
TA = +25°C
M
VCOM = 10V,
VNO or VNC = 1V,
V+ = +12.6V
TA = TMIN
to TMAX
-5
5
-50
50
nA
-500
500
ICOM(OFF)
COM Off-Leakage Current
(Notes 3, 4)
C, E
TA = +25°C
M
VCOM = 10V,
V+ = +12.6V
TA = TMIN
to TMAX
-10
10
V+ Supply Current
-100
100
-5
5
nA
-1000
1000
40
160
ICOM(ON)
V
0V+
VCOM,
VNO, VNC
Analog Signal Range
COM On-Leakage Current
(Notes 3, 4)
-1
1
µA
-1
0.03
1
IINH, IINL
Input Current Logic High or Low
V
0
0.8
VINL
Input Logic Low
-50
50
nA
-500
500
INO(OFF),
INC(OFF)
NO or NC Off-Leakage Current
(Notes 3, 4)
5.0
V+
VINH
Input Logic High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ANALOG SWITCH
DIGITAL I/O
POWER SUPPLY
V
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com