Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530CPP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4530CPP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530CPP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4530CPP Datasheet HTML 1Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 2Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 3Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 4Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 5Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 6Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 7Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 8Page - Maxim Integrated Products MAX4530CPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX4531
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to V-
V+ .............................................................................-0.3 to +13V
Voltage into Any Terminal (Note 1)
or ±20mA (whichever occurs first) ..............-0.3 to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±20mA
Peak Current, NO, NC, or COM_
(pulsed at 1ms, 10% duty cycle)...................................±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ...........889mW
SO (derate 10.00mW/°C above +70°C) ........................800mW
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX453_C_P .......................................................0°C to +70°C
MAX453_E_P ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
-50
50
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
-100
100
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
TA = TMIN to TMAX
TA = TMIN to TMAX
CONDITIONS
ICOM(OFF)
COM-Off Leakage Current
(Note 6)
-1
0.01
1
nA
-2
0.01
2
Ω
45
75
V
V-
V+
VCOM, VNO,
VNC_
Analog-Signal Range
INO(OFF)
NO-Off Leakage Current
(Note 6)
nA
-10
10
13
RFLAT(ON)
On-Resistance Flatness
(Note 5)
100
RON
Channel On-Resistance
Ω
18
12
∆RON
On-Resistance Matching
Between Channels (Note 4)
Ω
410
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
VNO = ±4.5V, VCOM = 4.5V,
V+ = 5.5V, V- = -5.5V
MAX4530
INO = 2mA; VCOM = -3V, 0V, +3V;
V+ = 5V; V- = -5V
INO = 2mA, VCOM = ±3.5V,
V+ = +4.5V, V- = -4.5V
INO = 2mA, VCOM = ±4.5V,
V+ = +4.5V, V- = -4.5V
TA = +25°C
(Note 3)
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless
otherwise noted.)
Note 1: Voltages exceeding V+ or V- on any signal terminal are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
TA = TMIN to TMAX
-100
100
TA = TMIN to TMAX
-50
50
COM-On Leakage Current
(Note 6)
ICOM(ON)
VCOM = ±4.5V,
V+ = 5.5V,
V- = -5.5V
nA
TA = +25°C
-2
0.01
2
TA = +25°C
-1
0.01
1
MAX4530
TA = +25°C
-1
0.01
1
SWITCH
MAX4531/
MAX4532
MAX4531/
MAX4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com